creat by art - low power loss, high efficiency - ideal for automated placement - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free base p/n with prefix "h" on packing code - aec-q101 qualified terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test with prefix "h" on packing code meet jesd 201 class 2 whisker test v rrm 20 30 40 50 60 90 100 v v rms 14 21 28 35 42 63 70 v v dc 20 30 40 50 60 90 100 v i f(av) a r jc o c/w t j o c t stg o c document number: ds_d1309065 version: j13 to-263ab (d 2 pak) SRS1620 thru srs16100 taiwan semiconductor dual common cathode schottk y rectifier features - moisture sensitivity level: level 1, per j-std-020 srs 1620 srs 1630 srs 1640 srs 1650 srs 1660 - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mechanical data case: to-263ab (d 2 pak) srs 1690 srs 16100 unit maximum repetitive peak reverse voltage maximum rms voltage polarity: as marked weight: 1.37 g (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol maximum dc blocking voltage maximum average forward rectified current 16 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 150 a maximum instantaneous forward voltage (note 1) i f = 8 a v f 0.55 0.70 0.90 v maximum reverse current @ rated vr t j =25 t j =100 t j =125 i r 0.5 0.1 ma 15 10 - - 5 note 1: pulse test with pw=300 s, 1% duty cycle typical thermal resistance 2 operating junction temperature range - 55 to +125 - 55 to +150 storage temperature range - 55 to +150
part no. part no. srs1660 srs1660 srs1660 (ta=25 unless otherwise noted) document number: ds_d1309065 version: j13 SRS1620 thru srs16100 taiwan semiconductor ordering information aec-q101 qualified packing code green compound code package packing srs16xx (note 1) prefix "h" rn suffix "g" d 2 pak 800 / 13" paper reel c0 d 2 pak 50 / tube note 1: "xx" defines voltage from 20v (SRS1620) to 100v (srs16100) example preferred p/n aec-q101 qualified packing code green compound code description srs1660 rn rn srs1660 rng rn g green compound srs1660hrn h rn aec-q101 qualified ratings and characteristics curves 0 4 8 12 16 20 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve SRS1620-1640 srs1650-16100 0 50 100 150 200 250 300 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse a current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg tj=100 tj=25 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 instantaneous forward a current (a) forward voltage (v) fig. 3 typical forward characteristics per leg SRS1620-1640 srs1650-1660 srs1690-16100
min max min max a - 10.5 - 0.413 b 14.60 15.88 0.575 0.625 c 2.41 2.67 0.095 0.105 d 0.68 0.94 0.027 0.037 e 2.29 2.79 0.090 0.110 f 4.44 4.70 0.175 0.185 g 1.14 1.40 0.045 0.055 h 1.14 1.40 0.045 0.055 i 8.25 9.25 0.325 0.364 j 0.36 0.53 0.014 0.021 k 2.03 2.79 0.080 0.110 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1309065 version: j13 SRS1620 thru srs16100 taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 16.9 suggested pad layout symbol unit (mm) a 10.8 b8.3 unit (inch) 0.425 f9.5 g2.5 marking diagram c1.1 d3.5 e 0.327 0.043 0.138 0.665 0.374 0.098 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg SRS1620-1640 srs1650-1660 srs1690-16100 f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1309065 version: j13 SRS1620 thru srs16100 taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,
|